Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTH100N120G2-AG Datasheet (PDF) - STMicroelectronics

SCTH100N120G2-AG Datasheet PDF - STMicroelectronics
Part # SCTH100N120G2-AG
Download  SCTH100N120G2-AG Download
File Size   439.59 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET, 1200 V, 75 A, 30 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package

SCTH100N120G2-AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTH100N120G2-AG Datasheet PDF - STMicroelectronics

Part # SCTH100N120G2-AG
Download  SCTH100N120G2-AG Click to download

File Size   439.59 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET, 1200 V, 75 A, 30 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package

SCTH100N120G2-AG Datasheet (HTML) - STMicroelectronics


SCTH100N120G2-AG Product details

Features
• AEC-Q101 qualified
• High speed switching performance
• Very fast and robust intrinsic body diode
• Low capacitance

Applications
• Traction inverters
• DC-DC converters
• Solar inverters
• OBC

Description
This silicon carbide Power MOSFET device has been developed using ST’s
advanced and innovative 2nd generation SiC MOSFET technology. The device
features remarkably low on-resistance per unit area and very good switching
performance. The variation of switching loss is almost independent of junction
temperature.




Similar Part No. - SCTH100N120G2-AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH100N65G2-7AG STMICROELECTRONICS-SCTH100N65G2-7AG Datasheet
623Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 95 A, 20 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
27-Nov-2018
More results


Similar Description - SCTH100N120G2-AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH100N65G2-7AG STMICROELECTRONICS-SCTH100N65G2-7AG Datasheet
623Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 95 A, 20 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
27-Nov-2018
SCTW40N120G2VAG STMICROELECTRONICS-SCTW40N120G2VAG Datasheet
210Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 33 A, 75 mΩ (typ., TJ = 25 °C) in an HiP247 package
12-Nov-2020
SCTH35N65G2V-7AG STMICROELECTRONICS-SCTH35N65G2V-7AG Datasheet
620Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 45 A,55 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
24-Jan-2020
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCT070H120G3AG STMICROELECTRONICS-SCT070H120G3AG Datasheet
396Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
04-Apr-2023
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com