Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT120R65AL Datasheet (PDF) - STMicroelectronics

SGT120R65AL Datasheet PDF - STMicroelectronics
Part # SGT120R65AL
Download  SGT120R65AL Download
File Size   649.49 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor

SGT120R65AL Datasheet (PDF)

Go To PDF Page Download Datasheet
SGT120R65AL Datasheet PDF - STMicroelectronics

Part # SGT120R65AL
Download  SGT120R65AL Click to download

File Size   649.49 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor

SGT120R65AL Datasheet (HTML) - STMicroelectronics


SGT120R65AL Product details

Features
• Enhancement mode normally off transistor
• Very high switching speed
• High power management capability
• Extremely low capacitances
• Kelvin source pad for optimum gate driving
• Zero reverse recovery charge
Applications
• Adapters for tablets, notebook and AIO
• USB type-C PD adapters and quick chargers
• Wireless chargers
Description
The SGT120R65AL is a 650 V, 15 A e-mode PowerGaN transistor combined with
a well established packaging technology. The resulting G-HEMT device provides
extremely low conduction losses, high current capability and ultra fast switching
operation to enable high power density and unbeatable efficiency performances.




Similar Part No. - SGT120R65AL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SGT1300SCT LITTELFUSE-SGT1300SCT Datasheet
176Kb / 8P
Silicon Protection Circuits - Surface Mount SurgectorTM Transient Voltage Suppressors
SGT1500SCT LITTELFUSE-SGT1500SCT Datasheet
176Kb / 8P
Silicon Protection Circuits - Surface Mount SurgectorTM Transient Voltage Suppressors
More results


Similar Description - SGT120R65AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGT65R65AL STMICROELECTRONICS-SGT65R65AL Datasheet
646Kb / 17P
650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
23-Mar-2023
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-030-2-L GAN-GS-065-030-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
GS-065-060-5-T-A GAN-GS-065-060-5-T-A Datasheet
1Mb / 17P
Automotive 650 V GaN E-mode transistor
Rev 220127
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com