Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT65R65AL Datasheet (PDF) - STMicroelectronics

SGT65R65AL Datasheet PDF - STMicroelectronics
Part # SGT65R65AL
Download  SGT65R65AL Download
File Size   646.11 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor

SGT65R65AL Datasheet (PDF)

Go To PDF Page Download Datasheet
SGT65R65AL Datasheet PDF - STMicroelectronics

Part # SGT65R65AL
Download  SGT65R65AL Click to download

File Size   646.11 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor

SGT65R65AL Datasheet (HTML) - STMicroelectronics


SGT65R65AL Product details

Features
• Enhancement mode normally off transistor
• Very high switching speed
• High power management capability
• Extremely low capacitances
• Kelvin source pad for optimum gate driving
• Zero reverse recovery charge
Applications
• AC-DC converters
• AC-DC PSU for server and telecom
• LED illumination
• Uninterruptable power supplies (UPS)
Description
The SGT65R65AL is a 650 V, 25 A e-mode PowerGaN transistor combined with
a well established packaging technology. The resulting G-HEMT device provides
extremely low conduction losses, high current capability and ultra fast switching
operation to enable high power density and unbeatable efficiency performances.




Similar Part No. - SGT65R65AL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SGT60N60FD1P7 SILAN-SGT60N60FD1P7 Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PN SILAN-SGT60N60FD1PN Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PS SILAN-SGT60N60FD1PS Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FD1PT SILAN-SGT60N60FD1PT Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
SGT60N60FDB1P7 SILAN-SGT60N60FDB1P7 Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
More results


Similar Description - SGT65R65AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGT120R65AL STMICROELECTRONICS-SGT120R65AL Datasheet
649Kb / 17P
650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor
23-Mar-2023
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-030-2-L GAN-GS-065-030-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
GS-065-060-5-T-A GAN-GS-065-060-5-T-A Datasheet
1Mb / 17P
Automotive 650 V GaN E-mode transistor
Rev 220127
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com