Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT65R65AL Datasheet(PDF) 6 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics SGT65R65AL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Figure 7. Typical transfer characteristics
GADG100220231620TCH
60
50
40
30
20
10
0
0
1
2
3
4
5
ID
(A)
VGS (V)
VDS = 4 V
TC = 25 °C
TC = 150°C
Figure 8. Typical gate charge characteristics
GADG100220231620QVG
6
5
4
3
2
1
0
0
1
2
3
4
5
VGS
(V)
Qg (nC)
ID = 15 A
VDS = 100 V
VDS = 400 V
Figure 9. Typical capacitance characteristics
GADG100220231639CVR
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 10. Typical output charge
GADG100220231632QOC
80
60
40
20
0
0
100 200 300 400 500 600
QOSS
(nC)
VDS (V)
Figure 11. Typical output capacitance stored energy
GADG100220231632EOS
20
16
12
8
4
0
0
100 200 300 400 500 600
EOSS
(μJ)
VDS (V)
Figure 12. Normalized on-resistance vs temperature
GADG100220231644RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
TJ (°C)
VGS = 5 V, 6 V
ID = 15 A
SGT65R65AL
Electrical characteristics (curves)
DS13251 - Rev 7
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com