Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT65R65AL Datasheet(PDF) 2 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 2 Page - STMicroelectronics

  SGT65R65AL Datasheet HTML 1Page - STMicroelectronics SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Electrical ratings
TC = 25 °C unless otherwise specified.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
650
V
Drain-source voltage (transient, tp < 1 μs)
750
VGS
Gate-source voltage
-10 to 7
V
ID (1)
Drain current (continuous) at TC = 25 °C
25
A
Drain current (continuous) at TC = 100 °C
25
IDM
Pulse drain current (tp = 100 μs)
70
A
PTOT
Total power dissipation at TC = 25 °C
305
W
Total power dissipation at TA = 25 °C
5
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
°C
1. Limited by package.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC(1)
Thermal resistance, junction-to-case
0.41
°C/W
RthJA(1)(2)
Thermal resistance, junction-to-ambient
25
°C/W
1. Specified by design, not tested in production.
2. Device mounted on 1.6 mm thick, FR4, 4-layer PCB with 2 oz. copper on each layer. The recommendation for thermal vias
under the thermal pad are 0.3 mm diameter (12 mil) with 0.635 mm pitch (25 mil). The copper layers under the thermal pad
and drain pad are 25 x 25 mm each. The PCB is mounted in horizontal position without air stream cooling.
SGT65R65AL
Electrical ratings
DS13251 - Rev 7
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com