Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT65R65AL Datasheet(PDF) 4 Page - STMicroelectronics

Part # SGT65R65AL
Description  650 V, 49 mΩ typ., 25 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT65R65AL Datasheet(HTML) 4 Page - STMicroelectronics

  SGT65R65AL Datasheet HTML 1Page - STMicroelectronics SGT65R65AL Datasheet HTML 2Page - STMicroelectronics SGT65R65AL Datasheet HTML 3Page - STMicroelectronics SGT65R65AL Datasheet HTML 4Page - STMicroelectronics SGT65R65AL Datasheet HTML 5Page - STMicroelectronics SGT65R65AL Datasheet HTML 6Page - STMicroelectronics SGT65R65AL Datasheet HTML 7Page - STMicroelectronics SGT65R65AL Datasheet HTML 8Page - STMicroelectronics SGT65R65AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDS = 400 V, ID = 15 A, VGS = 0 to 6 V,
RG(on) = 10 Ω, RG(off) = 2.2 Ω, L = 500 μH
(see Figure 20. Test circuit for
inductive load switching times and
Figure 21. Switching time waveforms)
-
4.5
-
ns
tf
Fall time
-
5.6
-
ns
td(off)
Turn-off delay time
-
9.8
-
ns
tr
Rise time
-
10.9
-
ns
td(on)
Turn-on delay time
VDS = 400 V, ID = 15 A, VGS = 0 to 6 V,
RG(on) = 10 Ω, RG(off) = 2.2 Ω, L = 500 μH,
TC =150 °C
(see Figure 20. Test circuit for
inductive load switching times and
Figure 21. Switching time waveforms)
-
5.2
-
ns
tf
Fall time
-
5.3
-
ns
td(off)
Turn-off delay time
-
10
-
ns
tr
Rise time
-
12.5
-
ns
Eon
Turn-on switching energy
VDS = 400 V, ID = 15 A, VGS = 0 to 6 V,
RG(on) = 10 Ω, RG(off) = 2.2 Ω, L = 500 μH
-
33.8
-
µJ
Eoff
Turn-off switching energy
-
19.5
-
µJ
Table 6. Reverse conduction
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
Source-drain reverse voltage
VGS = 0 V, ISD = 15 A
-
3.3
-
V
SGT65R65AL
Electrical characteristics
DS13251 - Rev 7
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com