Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGP204 Datasheet (PDF) - Renesas Technology Corp

9FGP204 Datasheet PDF - Renesas Technology Corp
Part # 9FGP204
Download  9FGP204 Download
File Size   320.86 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Peripherals

9FGP204 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGP204 Datasheet PDF - Renesas Technology Corp

Part # 9FGP204
Download  9FGP204 Click to download

File Size   320.86 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Peripherals

9FGP204 Datasheet (HTML) - Renesas Technology Corp


9FGP204 Product details

Recommended Application:
Peripheral Clock for Intel Server
Output Features:
• 1 - 0.7V current-mode differential CPU pair
• 6 - 50MHz RMII outputs
• 2 - 125MHz RGMII outputs
• 1 - DOT 96MHz output
• 1 - 33.33MHz output
• 1 - 32.768KHz output
• 2 - 25MHz REF outputs
Key Specifications:
• Exact synthesis on CPU, RGMII, RMII & 33.33MHz
clocks
• +/- 100ppm frequency accuracy on other clocks
Features/Benefits:
• Selectable SMBus Address - D0/D1 or C0/C1
• Spread Spectrum capability on CPU and DOT 96MHz
clocks
• SMBus Control:
- M/N and spread programming on CPU and DOT
96MHz clocks via SMBus
- Differential outputs can be disabled via pins or SMBus




Similar Part No. - 9FGP204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
1Mb / 20P
Frequency Timing Generator for Peripherals
03/31/26
9FGP204 RENESAS-9FGP204 Datasheet
1Mb / 20P
Frequency Timing Generator for Peripherals
03/31/26
logo
Integrated Device Techn...
9FGP204BKLF IDT-9FGP204BKLF Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP204BKLF RENESAS-9FGP204BKLF Datasheet
1Mb / 20P
Frequency Timing Generator for Peripherals
03/31/26
More results


Similar Description - 9FGP204

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
Frequency Timing Generator for Peripherals
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com