Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-107 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-107 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-107
Download  ICS9248-107 Download
File Size   141.38 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for PENTIUM II Systems

ICS9248-107 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-107 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-107
Download  ICS9248-107 Click to download

File Size   141.38 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for PENTIUM II Systems

ICS9248-107 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-107 Product details

General Description
The ICS9248-107 is a main clock synthesizer chip for Pentium II based systems using Rambus Interface DRAMs. This chip provides all the clocks required for such a system when used with a zero delay buffer such as the ICS9179-06.

Output Features:
• 4 - CPUs @ 2.5V, up to 180MHz.
• 3 - IOAPIC @ 2.5V
• 3 - 3V66MHz @ 3.3V.
• 11 - PCIs @ 3.3V
• 1 - 48MHz, @ 3.3V fixed
• 1 - 24/48MHz, @ 3.3V

Features:
• Up to 180MHz frequency support
• Use a zero delay buffer such as the ICS9179-06 to generate SDRAM clocks.
• Support power management: Power down Mode from I2C programming.
• Spread spectrum for EMI control ± 0.25% center spread).
• Uses external 14.318MHz crystal
• 5 - FS pins for frequency select

Recommended Application:
   RCC chipset




Similar Part No. - ICS9248-107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
Rev C 2/29/00
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
More results


Similar Description - ICS9248-107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com