Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-10 Datasheet (PDF) - Integrated Circuit Systems

ICS9250-10 Datasheet PDF - Integrated Circuit Systems
Part # ICS9250-10
Download  ICS9250-10 Download
File Size   668.08 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Pentium II Systems

ICS9250-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-10 Datasheet PDF - Integrated Circuit Systems

Part # ICS9250-10
Download  ICS9250-10 Click to download

File Size   668.08 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Pentium II Systems

ICS9250-10 Datasheet (HTML) - Integrated Circuit Systems


ICS9250-10 Product details

General Description

The ICS9250-10 is a single chip clock for Intel Pentium II. It provides all necessary clock signals for such a system.

Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces EMI by 8dB to 10 dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-10 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.



Features

• Generates the following system clocks:

   - 3 CPU (2.5V) 66.6/100 MHz (up to 133MHz through I2C selection)

   - 9 SDRAM (3.3V) up to 133MHz

   - 8 PCI (3.3 V) @33.3MHz

   - 2 IOAPIC (2.5V) @16.67 or 33.3MHz

   - 2 Hublink clocks (3.3 V) @ 66.6 MHz

   - 2 USB (3.3V) @ 48 MHz ( Non spread spectrum)

   - 1 REF (3.3V) @ 14.318 MHz

• Supports spread spectrum modulation, down spread 0 to -0.5%

• I2C support for power management

• Efficient power management scheme through PD#

• Uses external 14.138 MHz crystal



 




Similar Part No. - ICS9250-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
More results


Similar Description - ICS9250-10

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com