Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGS9093 Datasheet (PDF) - Renesas Technology Corp

9FGS9093 Datasheet PDF - Renesas Technology Corp
Part # 9FGS9093
Download  9FGS9093 Download
File Size   650.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for P9 Systems

9FGS9093 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGS9093 Datasheet PDF - Renesas Technology Corp

Part # 9FGS9093
Download  9FGS9093 Click to download

File Size   650.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for P9 Systems

9FGS9093 Datasheet (HTML) - Renesas Technology Corp


9FGS9093 Product details

Features
▪ 3.3V power supply; easy power supply hookup
▪ OE[B:A] pins allow different power states
▪ 85Ω output impedance; eliminates up to 16
resistors and eases board routing
▪ Configuration selected via strapping pins or I2C;
I2C interface not required for device control
▪ 350mW power consumption at 3.3V; reduces
thermal concerns
▪ I2C address is 0b1101011x, where x is the
write/read bit
▪ 4 × 4 mm 24-VFQFPN; minimal board space
Output Features
▪ Four Low-Power HCSL (LP-HCSL) spread
spectrum capable outputs at 133 1/3MHz
▪ Two 3.3V LVCMOS REF outputs at 33 1/3MHz




Similar Part No. - 9FGS9093

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG104DFILF IDT-9FG104DFILF Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
9FG104DFILFT IDT-9FG104DFILFT Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
9FG104DFLF IDT-9FG104DFLF Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
9FG104DFLFT IDT-9FG104DFLFT Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
9FG104DGILF IDT-9FG104DGILF Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
More results


Similar Description - 9FGS9093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
Clock signal generator circuit for digital TV systems SCGC
May 1992
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
Clock Generator Circuit for desktop video systems CGC
August 1996
logo
Integrated Circuit Syst...
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
Buffered Clock Generator for Pentium??/Triton??Systems
Rev B 05/08/97
logo
List of Unclassifed Man...
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
Low EMI Clock Generator for Intel 810E Chipset Systems
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
Custom Clock Generator for Display Systems
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
Custom Clock Generator for Display Systems
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
Integrated Device Techn...
8V44N4614 IDT-8V44N4614 Datasheet
739Kb / 31P
Clock generator for wireless base-band systems
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com