Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9158-05 Datasheet (PDF) - Integrated Circuit Systems

ICS9158-05 Datasheet PDF - Integrated Circuit Systems
Part # ICS9158-05
Download  ICS9158-05 Download
File Size   175.14 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Buffered Clock Generator for Pentium??/Triton??Systems

ICS9158-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9158-05 Datasheet PDF - Integrated Circuit Systems

Part # ICS9158-05
Download  ICS9158-05 Click to download

File Size   175.14 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Buffered Clock Generator for Pentium??/Triton??Systems

ICS9158-05 Datasheet (HTML) - Integrated Circuit Systems


ICS9158-05 Product details

General Description
The ICS9158-05 is a low cost frequency generator designed specifically to clock Pentium systems using the Triton chip set. Three copies of the CPU clock are available at 50, 60, or 66.7 MHz. Five copies of the synchronous BUS clock run at half the CPU frequency. A 14.318 MHz REFCLK, 12 MHz, KEYBD, and 24 MHz FLOPPY clock are also provided.

Features
• 3 CPU and 5 synchronous BUS clocks
• 50/60/66 MHz and glitch-free stop clock selections
• ±250ps skew between all synchronous outputs
• Outputs drive up to 30pF load with 1V/ns slew
• 2-5ns early CPU clocks support Triton chip set
• Compatible with 486 and Pentium CPUs
• Consumes less than 10µA in power-down mode
• On-chip loop filter components
• 3.0V - 5.5V supply range
• 24-pin SOIC package

Applications
• Ideal for RISC or CISC systems such as 486, Pentium, PowerPC,™ etc. requiring multiple CPU and synchronous BUS clocks.




Similar Part No. - ICS9158-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-03CW24 ICST-ICS9158-03CW24 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
Frequency Generator and Integrated Buffer
RevC 8/10/98
ICS9158-04M ICST-ICS9158-04M Datasheet
133Kb / 4P
Frequency Generator and Integrated Buffer
RevC 8/10/98
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
Rev B 053197
More results


Similar Description - ICS9158-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
IMIC9701 ETC1-IMIC9701 Datasheet
699Kb / 10P
Low EMI Clock Generator for Pentium II Systems with Power Management
logo
Integrated Circuit Syst...
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com