Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9158-04 Datasheet (PDF) - Integrated Circuit Systems

ICS9158-04 Datasheet PDF - Integrated Circuit Systems
Part # ICS9158-04
Download  ICS9158-04 Download
File Size   133.96 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator and Integrated Buffer

ICS9158-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9158-04 Datasheet PDF - Integrated Circuit Systems

Part # ICS9158-04
Download  ICS9158-04 Click to download

File Size   133.96 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator and Integrated Buffer

ICS9158-04 Datasheet (HTML) - Integrated Circuit Systems


ICS9158-04 Product details

General Description
The ICS9158-04 is a low cost frequency generator designed specifically for desktop and notebook PC applications. Up to six copies of the CPU clock are available, and five or six copies of the BUS clock are available depending on the status of the frequency select pins, which eliminates the need for an external buffer.

Features
• 11 skew-free, high drive CPU/BUS clocks
• Up to 66 MHz at 3.3V
• –250ps skew between all outputs
• Outputs can drive up to 30pF load and 25mA
• 50–10% duty cycle
• Compatible with 486 and Pentium CPUs
• Selectable 5/6 or 6/5 CPU/BUS output ratio
• On-chip loop filter components
• 3.0V - 5.5V supply range
• 24-pin SOIC package

Applications
• Ideal for RISC or CISC systems such as 486, Pentium, PowerPC™, etc., requiring multiple CPU and BUS clocks.




Similar Part No. - ICS9158-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-03CW24 ICST-ICS9158-03CW24 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
Buffered Clock Generator for Pentium??/Triton??Systems
Rev B 05/08/97
ICS9158-05M ICST-ICS9158-05M Datasheet
175Kb / 7P
Buffered Clock Generator for Pentium??/Triton??Systems
Rev B 05/08/97
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
Rev B 053197
More results


Similar Description - ICS9158-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
Rev B 053197
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com