Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-06 Datasheet (PDF) - Integrated Circuit Systems

ICS9159-06 Datasheet PDF - Integrated Circuit Systems
Part # ICS9159-06
Download  ICS9159-06 Download
File Size   361.12 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator and Buffer for Pentium Systems

ICS9159-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9159-06 Datasheet PDF - Integrated Circuit Systems

Part # ICS9159-06
Download  ICS9159-06 Click to download

File Size   361.12 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator and Buffer for Pentium Systems

ICS9159-06 Datasheet (HTML) - Integrated Circuit Systems


ICS9159-06 Product details

General Description
The ICS9159-06 is a low cost frequency generator designed specifically for Pentium systems. The integrated buffer minimizes skew and provides the early CPU clock required by some chipsets such as the OPTiVIPER.A 14.318 MHz XTAL oscillator provides the reference clock to generate standard Pentium frequencies. The CPU clock makes gradual frequency transitions without violating the PLL timing of internal microprocessor clock multipliers.

Features
• Four CPU clocks operate up to 66 MHz at 3.3V with glitch-free start and stop plus smooth transitions
• 3-6ns early CPU clock supports OPTi VIPER systems
• Selection of 8 frequencies, tristate, or power-down
• Six BUS clocks support asynchronous PCI bus operation
• –250ps skew between synchronous outputs
• Integrated buffer outputs drive up to 30pF loads
• 3.1V -5.5V supply range
• 28-pin 300-mil SOIC package

Applications
• Ideal for green Pentium and 486 PCI systems




Similar Part No. - ICS9159-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
ICS9159-07 ICST-ICS9159-07 Datasheet
422Kb / 9P
Frequency Generator for NexGen??Nx586 Systems
Rev C 060697
More results


Similar Description - ICS9159-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-12 ICST-ICS9159-12 Datasheet
277Kb / 5P
Frequency Generator and Buffers for Mobile Pentium Systems
Rev B 071797
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com