Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-06 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9159-06
Description  Frequency Generator and Buffer for Pentium Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-06 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9159-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9159-06
Preliminary Product Preview
Electrical Characteristics at 5.5V
VDD = 4.5 – 5.5 V, TA = 0 – 70
° C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN = 0V
-40.0
16.0
-
µA
Input High Current
IIH
VIN = VDD
-5.0
-
5.0
µA
Output Low Current1
IOL
VOL = 0.8V; for CPU & BUS
40.0
62.0
-
mA
Output High Current
1
IOH
VOL = 2.0V; for CPU & BUS
-
-140.0
-90.0
mA
Output Low Current
1
IOL
VOL = 0.8V; for REF
30.0
50.0
-
mA
Output High Current
1
IOH
VOL = 2.0V; for REF
-
-100.0
-60.0
mA
Output Low Voltage
VOL
IOL = 20mA; for CPU & BUS
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH = -70mA; for CPU & BUS
2.4
2.8
-
V
Output Low Voltage
VOL
IOL = 15mA; for REF
-
0.30
.4
V
Output High Voltage
1
VOH
IOH=-50mA; for REF
2.4
2.8
-
V
Supply Current
IDD
@50.0 MHz; all outputs unloaded
-
95.0
200.0
mA
Supply Current, Power-down
IDD(PD)
@000 Mode (Power-down)
-
16.0
40.0
mA
Supply Current, Stop Mode
IDD(STOP)
@001 Mode (Stop Mode)
-
70.0
140.0
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com