Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-06
Description  Frequency Generator and Buffer for Pentium Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-06
Frequency Generator and Buffer for Pentium™ Systems
9159-06 Rev C 091897
Block Diagram
The ICS9159-06 is a low cost frequency generator designed
specificallyforPentiumsystems.Theintegratedbufferminimizes
skew and provides the early CPU clock required by some
chipsetssuchastheOPTiVIPER.A14.318MHzXTALoscillator
provides the reference clock to generate standard Pentium
frequencies.TheCPUclockmakesgradualfrequencytransitions
without violating the PLL timing of internal microprocessor
clock multipliers.
Asynchronous 33.3 MHz PCI bus operation is supported,
in-dependent of the CPU operating frequency. Green PC
systems are supported through power-down, doze, and
glitch-free stop clock modes.
•
Four CPU clocks operate up to 66 MHz at 3.3V with
glitch-free start and stop plus smooth transitions
•
3-6ns early CPU clock supports OPTi VIPER systems
•
Selection of 8 frequencies, tristate, or power-down
•
Six BUS clocks support asynchronous PCI bus
operation
•
±250ps skew between synchronous outputs
•
Integrated buffer outputs drive up to 30pF loads
•
3.1V -5.5V supply range
•
28-pin 300-mil SOIC package
COMPAQ is a trademark of Compaq Computers.
Pentium is a trademark of Intel Corporation.
Applications
•
Ideal for green Pentium and 486 PCI systems
Functionality
3.1 to 5.5V, 0-70° Crystal=14.318 MHz input
STP0# STP1# DOZE#
FS(0:1)
CPU(0:1)
(MHz)
CPU2,
ECPU
BUS(0:5)
(MHz)
REF(0:3)
(MHz)
1
X
1
00
66.6*
66.6*
33.3
14.318
1
X
1
01
60*
60*
33.3
14.318
1
X
1
10
50
50
33.3
14.318
1
X
1
11
40
40
33.3
14.318
1
X
0
00
33.3
33.3
16.7
14.318
1
X
0
01
30
30
16.7
14.318
1
X
0
10
25
25
16.7
14.318
1
X
0
11
22.5
22.5
16.7
14.318
0
1
1
- -
Stop
Run
Run
14.318
0
0
1
X X
Stop
Stop
Stop
14.318
0
0*
0*
X X
Low
Low
Low
14.318
0
1
0
X X
Tristate Tristate Tristate 14.318
* 3.3 volt operation only. ** 000 mode powers-down the
PLL sections and forces the outputs low. To ensure glitch-
free start and stop of the CPU and BUS clocks enter 000
from 001 and exit 000 through 001.
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.
Preliminary Product Preview


Similar Part No. - ICS9159-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
ICS9159-07 ICST-ICS9159-07 Datasheet
422Kb / 9P
Frequency Generator for NexGen??Nx586 Systems
Rev C 060697
More results

Similar Description - ICS9159-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-12 ICST-ICS9159-12 Datasheet
277Kb / 5P
Frequency Generator and Buffers for Mobile Pentium Systems
Rev B 071797
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com