Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-06 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-06
Description  Frequency Generator and Buffer for Pentium Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-06 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9159-06
Preliminary Product Preview
Pin Descriptions
28-Pin 300-mil SOIC
Pin Configuration
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
8, 26
VDD
PWR
Power for logic, CPU and fixed frequency output buffers.
1X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 0.5 - 20 MHz XTAL.**
2
X2
OUT
XTAL output which includes XTAL load capacitance.**
3, 11, 23
GND
PWR
Ground for logic, CPU and fixed frequency output buffers.
6, 7, 9
CPU(0:2)
OUT
Processor clock outputs which are a multiple of the input reference frequency as
shown in the table.
4, 5
FS(0:1)
IN
Frequency multiplier select pins. See table. These inputs have internal pull-up
devices.
20
VDDB
PWR
Power for BUS output buffers.
15, 16, 18 19,
21, 22
BUS(0:5)
OUT
Bus clock outputs are fixed at 33.3 or 16.7 MHz.*
24, 25, 27, 28
REF(0:3)
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.*
10
ECPU
OUT
Early processor clock output which is the same frequency as CPU(0:2). This clock
leads CPU(0:2) by 3-6nS.
12
DOZE#
IN
Reduces CPU, ECPU and BUS clock outputs as shown in the functionality table
when at a logic low level.
13, 14
STP0#, STP1#
IN
Synchronously stops the CPU, ECPU and BUS clocks per the description in the
functionality table. Can also be used to tristate all outputs when the DOZE pin is
low.
17
GNDB
PWR
This ground return path is brought on separately to permit separating the noise
impulses from high output buffers from affecting sensitive internal circuitry.***
*
Assuming 14.31818 MHz input clock or crystal.
** Device provides 18pF load for crystal load capacitance at each pin.
*** Ground for bus clock buffers.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com