Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-06 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9159-06
Description  Frequency Generator and Buffer for Pentium Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-06 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9159-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-06 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9159-06
Preliminary Product Preview
Electrical Characteristics at 3.3V
VDD = 3.1 – 3.7 V, TA = 0 – 70
°C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
1
Tr1
20pF load, 0.8 to 2.0V, CPU & BUS
-
0.9
1.5
ns
Fall Time1
Tf1
20pF load, 2.0 to 0.8V, CPU & BUS
-
0.8
1.4
ns
Rise Time
1
Tr2
20pF load, 20% to 80%, CPU & BUS
-
1.5
2.5
ns
Fall Time
1
Tf2
20pF load, 80% to 20%, CPU & BUS
-
1.4
2.4
ns
Duty Cycle
1
Dt
20pF load; @VOUT=1.4V
40
50
60
%
Jitter, One Sigma
1
Tj1s
CPU; ECPU
Load=20pF;
FOUT >25 MHz
-60
150
ps
Jitter, Absolute
1
Tjab
CPU; ECPU
Load=20pF,
FOUT >25 MHz
-350
-
350
ps
Jitter, One Sigma1
Tj1s
BUS(0:2); REF(0:3); CPU
25 MHz;
Load=20pF; Comp. to the period
-0.7
2.0
%
Jitter, Absolute
1
Tjab
BUS(0:2); REF(0:3); CPU
25 MHz;
Load=20pF;
Comp. to the period
-3.0
-
3.0
%
Input Frequency
1
Fi
0.5 14.318 20 MHz Logic Input
Capacitance 1 CIN Logic input pins
-5
-
pF
Crystal Oscillator Capacitance1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time1
ton
From VDD=1.6V to 1 st crossing of
66.6 MHz VDD supply ramp < 40ms
-2.5
4.5
ms
Frequency Settling Time
1
ts
From 1 st crossing of acquisition to
<1% settling
-2.0
4.0
ms
Clock Skew Window
1
Tsk1
CPU to CPU;
Load=20pF; @1.4V
-150
250
ps
Clock Skew Window
1
Tsk2
BUS to BUS and REF to REF;
Load=20pF; @1.4V
-300
500
ps
Clock Skew Window
1
Tsk3
ECPU to CPU(0:2);
Load=20pF; @1.4V
3.0
5.0
6.0
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com