Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet (PDF) - Integrated Circuit Systems

ICS9159-07 Datasheet PDF - Integrated Circuit Systems
Part # ICS9159-07
Download  ICS9159-07 Download
File Size   422.42 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for NexGen??Nx586 Systems

ICS9159-07 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9159-07 Datasheet PDF - Integrated Circuit Systems

Part # ICS9159-07
Download  ICS9159-07 Click to download

File Size   422.42 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for NexGen??Nx586 Systems

ICS9159-07 Datasheet (HTML) - Integrated Circuit Systems


ICS9159-07 Product details

General Description
The ICS9159-07 is a low-cost frequency generator designed specifically for NexGen Nx586 systems. The integrated buffer minimizes skew and provides the CPU clocks required by the NexGen Nx586 microprocessor. A 14.318 MHz XTAL oscil-lator provides the reference clock to generate standard Nx586 frequencies. The CPU clock makes gradual frequency transi-tions without violating the PLL timing of internal microproc-essor clock multipliers.
Either synchronous (2XCPU/3) or asynchronous (32 MHz) PCI bus operation can be selected. Green PC systems are supported through doze mode.

Features
• Three CPU clocks operate up to 65 MHz at 3.3V, plus smooth transitions
• Selection of nine frequencies, tristate
• Seven BUS clocks support sync or async bus operation
• Integrated buffer outputs drive up to 10pF loads
• 3.13 to 5.25V (3.3±5%, 5.0±5%) supply range
• 28-pin SOIC package
• Clock duty cycles 45/55

Applications
• Ideal for NexGen Nx586 PCI-based motherboard designs




Similar Part No. - ICS9159-07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
More results


Similar Description - ICS9159-07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com