Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112-43 Datasheet (PDF) - Integrated Circuit Systems

ICS9112-43 Datasheet PDF - Integrated Circuit Systems
Part # ICS9112-43
Download  ICS9112-43 Download
File Size   223.61 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Gigabit Ethernet Systems

ICS9112-43 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9112-43 Datasheet PDF - Integrated Circuit Systems

Part # ICS9112-43
Download  ICS9112-43 Click to download

File Size   223.61 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Gigabit Ethernet Systems

ICS9112-43 Datasheet (HTML) - Integrated Circuit Systems


ICS9112-43 Product details

General Description
The ICS9112-43/44 is a high speed clock generator designed to support Gigabit Ethernet system requirements. The ICS9112-43/44 generates 125 MHz from a 20 MHz crystal.

Features
• Generates 125 MHz clocks from a 20 MHz crystal
• Less than 45ps one sigma jitter (15ps typ.)
• Less than ±130ps absolute jitter
• Less than 50ps accumulative jitter @ 256 cycles
• Rise/fall times less than 1.2ns driving 15pF
• On-chip loop filter components
• 3.0V-5.5V supply range
• 8-pin, 150-mil SOIC package

Applications
• Specifically designed to support the high-speed clocking requirements of Gigabit Ethernet systems.




Similar Part No. - ICS9112-43

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
ICS9112-16 ICST-ICS9112-16 Datasheet
119Kb / 7P
Low Skew Output Buffer
Rev F 10/20/00
ICS9112-17 ICST-ICS9112-17 Datasheet
151Kb / 8P
Low Skew Output Buffer
Rev G 10/20/00
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS9112-26 ICST-ICS9112-26 Datasheet
74Kb / 4P
Low Skew Output Buffer
More results


Similar Description - ICS9112-43

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com