Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112-17 Datasheet (PDF) - Integrated Circuit Systems

ICS9112-17 Datasheet PDF - Integrated Circuit Systems
Part # ICS9112-17
Download  ICS9112-17 Download
File Size   151.51 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

ICS9112-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9112-17 Datasheet PDF - Integrated Circuit Systems

Part # ICS9112-17
Download  ICS9112-17 Click to download

File Size   151.51 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

ICS9112-17 Datasheet (HTML) - Integrated Circuit Systems


ICS9112-17 Product details

General Description
The ICS9112-17 is a high performance, low skew, low jitter zero delay buffer. It uses a phase lock loop (PLL) technology to align, in both phase and frequency, the REF input with the CLKOUT signal. It is designed to distribute high speed clocks in PC systems operating at speeds from 25 to 133 MHz.

Features
• Zero input - output delay
• Frequency range 25 - 133 MHz (3.3V)
• High loop filter bandwidth ideal for Spread Spectrum applications.
• Less than 200 ps cycle to cycle Jitter
• Skew controlled outputs
• Skew less than 250 ps between outputs
• Available in 16 pin, 150 mil SSOP & SOIC package




Similar Part No. - ICS9112-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-16 ICST-ICS9112-16 Datasheet
119Kb / 7P
Low Skew Output Buffer
Rev F 10/20/00
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
More results


Similar Description - ICS9112-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com