Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112-18 Datasheet (PDF) - Integrated Circuit Systems

ICS9112-18 Datasheet PDF - Integrated Circuit Systems
Part # ICS9112-18
Download  ICS9112-18 Download
File Size   62.9 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay, Low Skew Buffer

ICS9112-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9112-18 Datasheet PDF - Integrated Circuit Systems

Part # ICS9112-18
Download  ICS9112-18 Click to download

File Size   62.9 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay, Low Skew Buffer

ICS9112-18 Datasheet (HTML) - Integrated Circuit Systems


ICS9112-18 Product details

Description
The ICS9112-18 is a low jitter, low-skew, high performance PLL based zero delay buffer for high speed applications. Based on ICS’s proprietary low jitter Phase Locked Loop (PLL) techniques, the device provides eight low skew outputs at speeds up to 160 MHz at 3.3 V. The ICS9112-18 includes a bank of four outputs running at 1X, and another four outputs running at 1/2X. In the zero delay mode, the rising edge of the input clock is aligned with the rising edges of all eight outputs. Compared to competitive CMOS devices, the ICS9112-18 has the lowest jitter of all.
ICS manufactures the largest variety of clock generators and buffers, and is the largest clock supplier in the world.

Features
• Packaged in 16 pin narrow SOIC
• Zero input-output delay
• Four 1X outputs plus four half-X outputs
• Output to output skew is less than 250 ps
• Output clocks up to 160 MHz at 3.3 V
• Ability to generate 2X the input
• Full CMOS outputs with 18 mA output drive
   capability at TTL levels at 3.3 V
• Spread Smart™ technology works with spread
   spectrum clock generators
• Advanced, low power, sub-micron CMOS process
• 3.0 to 5.5 V operating voltage




Similar Part No. - ICS9112-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-16 ICST-ICS9112-16 Datasheet
119Kb / 7P
Low Skew Output Buffer
Rev F 10/20/00
ICS9112-17 ICST-ICS9112-17 Datasheet
151Kb / 8P
Low Skew Output Buffer
Rev G 10/20/00
More results


Similar Description - ICS9112-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com