Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-15 Datasheet (PDF) - Integrated Circuit Systems

ICS671-15 Datasheet PDF - Integrated Circuit Systems
Part # ICS671-15
Download  ICS671-15 Download
File Size   137.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description ZERO DELAY, LOW SKEW BUFFER

ICS671-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS671-15 Datasheet PDF - Integrated Circuit Systems

Part # ICS671-15
Download  ICS671-15 Click to download

File Size   137.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description ZERO DELAY, LOW SKEW BUFFER

ICS671-15 Datasheet (HTML) - Integrated Circuit Systems


ICS671-15 Product details

Description
The ICS671-15 is a low-jitter, low-skew, high-performance zero delay buffer (ZDB) for high-speed applications. The device is designed using ICS’ proprietary low-jitter PLL (Phase-Locked Loop) techniques. The ICS671-15 includes a ZDB bank of four outputs running at 33 MHz, and two outputs at 66 MHz from the CPU PLL. This device also provides two 66 MHz zero delay clocks derived from the AGP PLL. In the zero delay mode, the rising edge of the input clock is aligned with the rising edges of the feedback clock. The ICS671-15 provides feedback clocks internally for the CPU PLL and the AGP PLL, and with the lowest jitter.

Features
• Packaged in 24-pin TSSOP
• Input-output delay (±300 ps)
• Two ZDB 66 MHz outputs from a 66 MHz input AGP clock
• Two ZDB 66 MHz outputs, plus four 33 MHz outputs from a 33 MHz input CPU clock
• Output-to-output skew is less than 250 ps
• Full CMOS outputs with 18 mA output drive capability at TTL levels (at 3.3 V)
• Spread SmartTM technology works with spread spectrum clock generators
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Separate hardware output enable pins: OE1, OE2, OE3, OE4, OE5 and OE6




Similar Part No. - ICS671-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-01 ICST-ICS671-01 Datasheet
42Kb / 4P
Zero Delay, Low Skew Buffer and Multipler
Revision 051700
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
More results


Similar Description - ICS671-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com