Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet (PDF) - Renesas Technology Corp

ICS671-03 Datasheet PDF - Renesas Technology Corp
Part # ICS671-03
Download  ICS671-03 Download
File Size   356.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER

ICS671-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS671-03 Datasheet PDF - Renesas Technology Corp

Part # ICS671-03
Download  ICS671-03 Click to download

File Size   356.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER

ICS671-03 Datasheet (HTML) - Renesas Technology Corp


ICS671-03 Product details

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Eight low-skew (<200 ps) outputs
• Device-to-device skew <700 ps
• Low jitter (<200 ps)
• Full CMOS outputs with 25 mA output drive capability at
TTL levels
• 5 V tolerant FBIN and CLKIN pins
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• 3.3 V operating voltage
• Industrial temperature range of -40 to 85 °C
• RoHS compliant (Pb free) package




Similar Part No. - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
More results


Similar Description - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 022505
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com