Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS671-03
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS671-03 Datasheet HTML 1Page - Renesas Technology Corp ICS671-03 Datasheet HTML 2Page - Renesas Technology Corp ICS671-03 Datasheet HTML 3Page - Renesas Technology Corp ICS671-03 Datasheet HTML 4Page - Renesas Technology Corp ICS671-03 Datasheet HTML 5Page - Renesas Technology Corp ICS671-03 Datasheet HTML 6Page - Renesas Technology Corp ICS671-03 Datasheet HTML 7Page - Renesas Technology Corp ICS671-03 Datasheet HTML 8Page - Renesas Technology Corp ICS671-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS671-03
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ZDB AND MULTIPLIER
IDT™ 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
2
ICS671-03
REV D 051310
Pin Assignment
Output Clock Mode Select Table
Note 1: Outputs are in high impedance state with weak pulldowns.
Note 2: Buffer mode only; not zero delay between input and output.
Pin Descriptions
Note: Outputs have a weak internal pull-down when in tri-state mode.
S2
S1
CLKA1:A4
CLKB1:B4
A & B Source
PLL Status
0
0
Tri-state (note 1)
Tri-state (note 1)
PLL
ON
0
1
Stopped Low
Stopped Low
None
OFF
1
0
Running
Running
CLKIN (note 2)
OFF
1
1
Running
Running
PLL
ON
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
CLKIN
Input
Clock Input (5 V tolerant).
2, 3, 14, 15
CLKA1:A4
Output
Clock Outputs A1:A4. See above table. Outputs have weak pulldown resistors.
4, 13
VDD
Power
Power supply. Connect both pins to 3.3 V.
5, 12
GND
Power
Connect to ground.
6, 7, 10, 11
CLKB1:B4
Output
Clock Outputs B1:B4. See above table. Outputs have weak pulldown resistors.
8
S2
Input
Select input 2. See table above. Internal pull-up.
9
S1
Input
Select input 1. See table above. Internal pull-up.
16
FBIN
Input
Feedback Input. Connect to any output under normal operation (5 V tolerant).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com