Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet (PDF) - Integrated Circuit Systems

ICS671-03 Datasheet PDF - Integrated Circuit Systems
Part # ICS671-03
Download  ICS671-03 Download
File Size   51.69 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 Volt Zero Delay, Low Skew Buffer

ICS671-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS671-03 Datasheet PDF - Integrated Circuit Systems

Part # ICS671-03
Download  ICS671-03 Click to download

File Size   51.69 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 Volt Zero Delay, Low Skew Buffer

ICS671-03 Datasheet (HTML) - Integrated Circuit Systems


ICS671-03 Product details

Description
The ICS671-03 is a low phase noise, high speed PLL based, 8 output, low skew zero delay buffer. Based on ICS’s proprietary low jitter Phase Locked Loop (PLL) techniques, the device provides eight low skew outputs at speeds up to 133 MHz at 3.3 V. The outputs can be generated from the PLL (for zero delay), or directly from the input (for testing), and can be set to tri-state mode or to stop at a low level. For normal operation as a zero delay buffer, any output clock is tied to the FBIN pin.

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Eight low-skew (<200 ps) outputs
• Device-to-device skew <700 ps
• Low jitter (<200 ps)
• Full CMOS outputs with 25 mA output drive capability at TTL levels
• 5 V tolerant FBIN and CLKIN pins
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• 3.3 V operating voltage
• Industrial temperature range of -40 to 85 °C




Similar Part No. - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results


Similar Description - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 022505
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com