Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS671-03
Description  3.3 Volt Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS671-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS671-03
3.3 Volt Zero Delay, Low Skew Buffer
MDS 671-03 A
1
Revision 072501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800 tel • www.icst.com
PRELIMINARY INFORMATION
Block Diagram
Description
Features
The ICS671-03 is a low phase noise, high speed PLL
based, 8 output, low skew zero delay buffer. Based on
ICS’s proprietary low jitter Phase Locked Loop (PLL)
techniques, the device provides eight low skew
outputs at speeds up to 133 MHz at 3.3 V. The
outputs can be generated from the PLL (for zero
delay), or directly from the input (for testing), and can
be set to tri-state mode or to stop at a low level. For
normal operation as a zero delay buffer, any output
clock is tied to the FBIN pin.
ICS manufactures the largest variety of clock
generators and buffers, and is the largest clock
supplier in the world.
• Packaged in 16 pin narrow (150 mil) SOIC
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Eight low-skew (<200 ps) outputs
• Device-to-device skew <700 ps
• Low jitter (<200 ps)
• Full CMOS outputs with 25 mA output drive
capability at TTL levels
• 5 V tolerant FBIN and CLKIN pins
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• 3.3 V operating voltage
• Industrial temperature range of -40 to 85 °C
Clock
Synthesis
PLL
CLKA1
FBIN
CLKA2
S2, S1
2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Control
Logic
CLKIN
Feedback is shown from CLKB4 for illustration, but may
come from any output.


Similar Part No. - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results

Similar Description - ICS671-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 022505
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com