Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS671-03
Description  3.3 Volt Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-03 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS671-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS671-03
3.3 Volt Zero Delay, Low Skew Buffer
MDS 671-03 A
3
Revision 072501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800 tel • www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum Typical Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
-0.5
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
CLKIN and FBIN Inputs
-0.5
5.5
Electrostatic Discharge
MIL-STD-883
2000
V
Ambient Operating Temperature
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Junction temperature
150
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Operating Voltage, VDD
3.00
3.60
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-12 mA
2.4
V
Output Low Voltage, VOL
IOL=12 mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD (Note 2)
No Load, S2=1, S1=1
70
mA
Power Down Supply Current, IDD
CLKIN=0, S2=0, S1=1
1.3
mA
CLKIN=0 (Note 3)
1.3
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance
S2, S1, FBIN
5
pF
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Input Clock Frequency
See table on page 2
10
133
MHz
Output Clock Frequency
See table on page 2
10
133
MHz
Output Clock Rise Time, CL=30pF
0.8 to 2.0V
1.5
ns
Output Clock Fall Time, CL=30pF
2.0 to 0.8V
1.25
ns
Output Clock Duty Cycle, VDD=3.3V
At VDD/2
45
50
55
%
Device to Device Skew, equally loaded
rising edges at VDD/2
700
ps
Output to Output Skew, equally loaded
rising edges at VDD/2
200
ps
Input to Output Skew, FBIN to CLKA4, S1=1, S0 =1
(Note 2)
rising edges at VDD/2
±250
ps
Maximum Absolute Jitter
130
ps
Cycle to Cycle Jitter, 30pF loads
300
ps
PLL Lock Time (Note 4)
1.0
ms
Electrical Specifications
Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the
device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may
affect device reliability.
2. With CLKIN = 100 MHz, FBIN to CLKA4, all outputs at 100 MHz.
3. When there is no clock signal present at CLKIN, the ICS671-03 will enter a power down mode. The PLL is
stopped and the outputs are tri-state.
4. With VDD at a steady state, and valid clocks at CLKIN and FBIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com