Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS671-03
Description  3.3 Volt Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS671-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-03 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS671-03
3.3 Volt Zero Delay, Low Skew Buffer
MDS 671-03 A
2
Revision 072501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800 tel • www.icst.com
PRELIMINARY INFORMATION
Pin Descriptions
Key: I = Input; O = output; P = power supply connection. Outputs have a weak internal pull-down when in tri-state
mode.
Pin Assignment
External Components
The ICS671-03 requires a minimum number of external components for proper operation. Decoupling capacitors of
0.01µF should be connected between VDD and GND on pins 4 and 5, and VDD and GND on pins 13 and 12, as
close to the device as possible. A series termination resistor of 33
Ω may be used close to each clock output pin to
reduce reflections.
16
15
14
13
16 pin narrow (150 mil) SOIC
12
11
10
9
1
2
3
4
5
6
7
8
CLKA1
GND
FBIN
CLKIN
VDD
S2
CLKB1
CLKB2
VDD
GND
CLKB3
S1
CLKB4
CLKA4
CLKA3
CLKA2
Number
Name
Type
Description
1
CLKIN
I
Clock Input. (5 V tolerant)
2, 3, 14, 15
CLKA1:A4
O
Clock Outputs A1:A4. See above table. Outputs have weak pulldown resistors.
4, 13
VDD
P
Power supply. Connect both pins to 3.3 V.
5, 12
GND
P
Connect to ground.
6, 7, 10, 11
CLKB1:B4
O
Clock Outputs B1:B4. See above table. Outputs have weak pulldown resistors.
8
S2
I
Select input 2. See table above. Internal pull-up.
9
S1
I
Select input 1. See table above. Internal pull-up.
16
FBIN
I
Feedback Input. Connect to any output under normal operation. (5 V tolerant)
S2
S1
CLKA1:A4
CLKB1:B4
A & B Source
PLL Status
0
0
Tri-state (Note 1)
Tri-state (Note 1)
PLL
ON
0
1
Stopped Low
Stopped Low
none
OFF
1
0
Running
Running
CLKIN (Note 2)
OFF
1
1
Running
Running
PLL
ON
Output Clock Mode Select Table
Notes: 1. Outputs are in high impedance state with weak pulldowns.
2. Buffer mode only; not zero delay between input and output.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com