Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-01 Datasheet (PDF) - Integrated Circuit Systems

ICS671-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS671-01
Download  ICS671-01 Download
File Size   42.97 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay, Low Skew Buffer and Multipler

ICS671-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS671-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS671-01
Download  ICS671-01 Click to download

File Size   42.97 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay, Low Skew Buffer and Multipler

ICS671-01 Datasheet (HTML) - Integrated Circuit Systems


ICS671-01 Product details

Description
The ICS671-01 is a low phase noise, high speed  PLL based, 8 output, low skew zero delay buffer  and multiplier. Based on ICS’s proprietary low  jitter Phase Locked Loop (PLL) techniques, the  device provides eight low skew outputs at speeds  up to 160 MHz at 3.3 V. The ICS671-01 includes  a bank of six outputs running at either x2 or x4  mode, one output running at either x2, x4, or x5  mode, and one more output running at either x1,  x2, or x4 mode.  For normal operation, output  clock CLK8 is tied to the FBIN pin.
ICS manufactures the largest variety of clock  generators and buffers, and is the largest clock  supplier in the world.

Features
• Packaged in 16 pin narrow SOIC
• Clock outputs from 5 to 160 MHz
• Zero input-output delay
• Integrated x2 or x4 selections, and x5 for CLK7
• Eight low-skew (<250 ps) outputs
• Full CMOS outputs with 25 mA output drive capability at TTL levels
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• 3.3 V to 5 V operating voltage




Similar Part No. - ICS671-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Similar Description - ICS671-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com