Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9172 Datasheet (PDF) - Integrated Device Technology

AV9172 Datasheet PDF - Integrated Device Technology
Part # AV9172
Download  AV9172 Download
File Size   401.64 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Skew Output Buffer

AV9172 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9172 Datasheet PDF - Integrated Device Technology

Part # AV9172
Download  AV9172 Click to download

File Size   401.64 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Skew Output Buffer

AV9172 Datasheet (HTML) - Integrated Device Technology


AV9172 Product details

General Description
The AV9172 is designed to generate low skew clocks for clock distribution in high-performance PCs and workstations. It uses phase-locked loop technology to align the phase and frequency of the output clocks with an input reference clock. Because the input to output skew is guaranteed to ±500ps, the part acts as a “zero delay” buffer.

Features
• AV9172-07 input is 66 MHz with 66 and 33 MHz output buffers
• AV9172-01 is pin compatible with Gazelle GA1210E
• ±250ps skew (max) between outputs
• ±500ps skew (max) between input and outputs
• Input frequency range from 10 MHz to 50 MHz (-01, -03) and from 20 MHz to 100 MHz (-07)
• Output frequency range from 10 MHz to 100 MHz (-01, -03, -07)
• Special mode for two-phase clock generation
• Inputs and outputs are fully TTL-compatible
• CMOS process results in low power supply current
• High drive, 25mA outputs
• Low cost
• 16-pin SOIC (150-mil) or 16-pin PDIP package




Similar Part No. - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9172 ICST-AV9172 Datasheet
399Kb / 8P
Low Skew Output Buffer
RevB060297
AV9172-01 ICST-AV9172-01 Datasheet
399Kb / 8P
Low Skew Output Buffer
RevB060297
AV9172-01CC16 ICST-AV9172-01CC16 Datasheet
399Kb / 8P
Low Skew Output Buffer
RevB060297
AV9172-01CN16 ICST-AV9172-01CN16 Datasheet
399Kb / 8P
Low Skew Output Buffer
RevB060297
AV9172-01CS16 ICST-AV9172-01CS16 Datasheet
399Kb / 8P
Low Skew Output Buffer
RevB060297
More results


Similar Description - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
PLL102-15 PLL-PLL102-15 Datasheet
109Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com