Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB0205 Datasheet (PDF) - Abracon Corporation

ABB0205 Datasheet PDF - Abracon Corporation
Part # ABB0205
Download  ABB0205 Download
File Size   52.34 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Skew Output Buffer

ABB0205 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABB0205 Datasheet PDF - Abracon Corporation

Part # ABB0205
Download  ABB0205 Click to download

File Size   52.34 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Skew Output Buffer

ABB0205 Datasheet (HTML) - Abracon Corporation


ABB0205 Product details

DESCRIPTION
The ABB0205 is a high performance, low skew, low jitter zero delay buffer designed to distribute high speed clocks and is available in 8-pin SOIC package. It has four outputs that are synchronized with the input. The synchronization is established via CLKOUT feed back to the input of the PLL. Since the skew between the input and output is less than ±350 ps, the device acts as a zero delay buffer.

FEATURES
• Frequency range 25 ~ 60MHz.
• Internal phase locked loop will allow spread spectrum modulation on reference clock to pass to the outputs (up to 100kHz SST modulation).
• Zero input - output delay.
• Less than 700 ps device - device skew.
• Less than 250 ps skew between outputs.
• Less than 150 ps cycle - cycle jitter.
• Output Enable function tri-state outputs.
• 3.3V operation.
• Available in 8-Pin 150mil SOIC.




Similar Part No. - ABB0205

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABB0203 ABRACON-ABB0203 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0203SC ABRACON-ABB0203SC Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0203SC-T ABRACON-ABB0203SC-T Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0204SC ABRACON-ABB0204SC Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
More results


Similar Description - ABB0205

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
PLL102-15 PLL-PLL102-15 Datasheet
109Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com