Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9172 Datasheet (PDF) - Integrated Circuit Systems

AV9172 Datasheet PDF - Integrated Circuit Systems
Part # AV9172
Download  AV9172 Download
File Size   399.05 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

AV9172 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9172 Datasheet PDF - Integrated Circuit Systems

Part # AV9172
Download  AV9172 Click to download

File Size   399.05 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

AV9172 Datasheet (HTML) - Integrated Circuit Systems


AV9172 Product details

General Description
The AV9172 is designed to generate low skew clocks for clock distribution in high-performance PCs and workstations. It uses phase-locked loop technology to align the phase and frequency of the output clocks with an input reference clock. Because the input to output skew is guaranteed to ±500ps, the part acts as a “zero delay” buffer.

Features
• AV9172-07 input is 66 MHz with 66 and 33 MHz output buffers
• AV9172-01 is pin compatible with Gazelle GA1210E
• ±250ps skew (max) between outputs
• ±500ps skew (max) between input and outputs
• Input frequency range from 10 MHz to 50 MHz (-01, -03) and from 20 MHz to 100 MHz (-07)
• Output frequency range from 10 MHz to 100 MHz (-01, -03, -07)
• Special mode for two-phase clock generation
• Inputs and outputs are fully TTL-compatible
• CMOS process results in low power supply current
• High drive, 25mA outputs
• Low cost
• 16-pin SOIC (150-mil) or 16-pin PDIP package




Similar Part No. - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
More results


Similar Description - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com