Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9172 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9172
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9172 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9172 Datasheet HTML 1Page - Integrated Circuit Systems AV9172 Datasheet HTML 2Page - Integrated Circuit Systems AV9172 Datasheet HTML 3Page - Integrated Circuit Systems AV9172 Datasheet HTML 4Page - Integrated Circuit Systems AV9172 Datasheet HTML 5Page - Integrated Circuit Systems AV9172 Datasheet HTML 6Page - Integrated Circuit Systems AV9172 Datasheet HTML 7Page - Integrated Circuit Systems AV9172 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AV9172
Pin Configuration
Functionality Table for AV9172-03
CLKIN Input Frequency=X, input range is 10 to 50 MHz.
Example Table for AV9172-03
(33 MHz input, all frequencies in MHz.)
Timing Diagram for AV9172-03
16-Pin SOIC or 16-Pin PDIP
Note: The phase alignment between the 1X clock outputs and
reference clocks input will be either at a 0 or 180 degrees
offset if the 2X clock is used as the feedback signal (con-
nected to the FBIN pin). Which relationship occurs is totally
random and has the potential to change any time the device has
its VDD supply cycled off or the devices input clock
removed.
EN2
INV#
Q0
Q1
Q2
Q3
Q4
Q5
0
0
2X
2X
2X
2X
2X
2X
1
0
2X
2X
2X
2X
2X
1X
0
1
2X
2X
2X
1X
1X
2X
1
1
2X
2X
2X
1X
1X
1X
EN2
INV#
Q0
Q1
Q2
Q3
Q4
Q5
0
0
66
66
66
66
66
66
1
0
66
66
66
66
66
33
0
1
66
66
66
33
33
66
1
1
66
66
66
33
33
33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com