Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-07
Description  Frequency Generator for NexGen??Nx586 Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-07 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 8Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-07
Frequency Generator for NexGenNx586 Systems
9159-07 Rev C 060697
Block Diagram
The ICS9159-07 is a low-cost frequency generator designed
specifically for NexGen Nx586 systems. The integrated
buffer minimizes skew and provides the CPU clocks required
by the NexGen Nx586 microprocessor. A 14.318 MHz
XTAL oscil-lator provides the reference clock to generate
standard Nx586 frequencies. The CPU clock makes gradual
frequency transi-tions without violating the PLL timing of
internal microproc-essor clock multipliers.
Either synchronous (2XCPU/3) or asynchronous (32 MHz)
PCI bus operation can be selected. Green PC systems are
supported through doze mode.
Three CPU clocks operate up to 65 MHz at 3.3V, plus
smooth transitions
Selection of nine frequencies, tristate
Seven BUS clocks support sync or async bus
operation
Integrated buffer outputs drive up to 10pF loads
3.13 to 5.25V (3.3±5%, 5.0±5%) supply range
28-pin SOIC package
Clock duty cycles 45/55
NexGen is a trademark of NexGen Corporation.
Applications
Ideal for NexGen Nx586 PCI-based motherboard designs
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9159-07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
More results

Similar Description - ICS9159-07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com