Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9159-07
Description  Frequency Generator for NexGen??Nx586 Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-07 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9159-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 8Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ICS9159-07
Electrical Characteristics at 3.3V
VDD = 3.1 – 3.7 V, TA = 0 – 70° C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
1
Tr1
20pF load; 0.8 to 2.0V
-
0.9
1.5
ns
Fall Time
1
Tf1
20pF load; 2.0 to 0.8V
-
0.8
1.4
ns
Rise Time1
Tr2
20pF load; 20% to 80%
-
1.5
2.5
ns
Fall Time
1
Tf2
20pF load; 80% to 20%
-
1.4
2.4
ns
Duty Cycle
1
Dt
20pF load; VOUT=1.4V
45
50
55
%
CPU(0:2)
Jitter1 Cycle-to-Cycle
Tjcc1
Load=10pF
-150
50
+150
ps
Slew
1
SR1
Load=10pF; 0.8 to 2.0V
1.0
1.6
A
V/ns
BUS(0:6)
Jitter 1Cycle-to-Cycle
Tjcc2
Load=10pF
-250
-
250
ps
Slew1
SR2
Load=30pF; 0.8 to 2.0V
0.6
1.0
A
V/ns
Jitter, One Sigma
1
Tjis
Fixed CLK; Load=20pF;
Comp. to the period
-1
3
%
Jitter, Absolute
1
Tjab
Fixed CLK; Load=20pF;
Comp. to the period
-2
5
%
Input Frequency1
Fi
A
12.0
14.318
16.0
MHz
Logic Input Capacitance
1
CIN
Logic input pins
-
5
-
pF
Crystal Oscillator Capacitance1
CINX
X1, X2 pins
-
18
-
pF
Frequency Transition Time
1
Ta1
Acquisition from 35 MHz
to 65 MHz (first crossing)
(and 65 to 35).
-
0.46
1.4
ms
Frequency Transition Time (to DOZE)
1
Ta2
Acquisition from 10 MHz
to 65 MHz (first crossing)
(and 65 to 10)
-
0.76
2.3
ms
Frequency Settling Time
1
ts
From 1 st crossing of
acquisition to <1% settling.
-
400
-
ms
Skew
1
CPU to CPU
TSK1
CL=10pF VO=1.5V
-250
-
+250
ps
CPU to BUS(0:5)
TSK2
-600
200
1000
CPU to BUS(6)
TSK3S
-900
-400
110
BUS(0:5) to BUS(0:5)
TSK4
-500
-
+500
BUS(0:5) to BUS(6)
TSK5
-1050
-550
250



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com