Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9159-07
Description  Frequency Generator for NexGen??Nx586 Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-07 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9159-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 8Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS9159-07
Functionality
14.318 MHz Input, all frequencies in MHz.
O E
FS2
FS1
FS0
D ZE
C PU (0:2)
BUS 0:6
BSEL=1
BSEL=0
1000
1
65
43.3
32
1001
1
60
40
32
1010
1
55.5
37
32
1011
1
51
34
32
1100
1
46.5
31
32
1101
1
42
28
32
1110
1
37.5
25
32
1111
1
35
23.3
32
1
XXX
0
10
6.6
32
0
X
X
X
X
Tristate
Tristate
Tristate
Actual CPU Frequencies
CPU Frequency (MHz)
Actual Frequency (MHz)
65
64.98
60
60.03
55.5
55.50
51
51.00
46.5
46.53
42
42.00
37.5
37.48
35
35.00
10
10.00
Tristate
Tristate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com