Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-07
Description  Frequency Generator for NexGen??Nx586 Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-07 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 8Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS9159-07
Pin Descriptions
28-Pin SOIC
Pin Configuration
*
Internally pulled-up.
**
External pull-up resistor of 5 to 20 kW recommended due to dynamic coupling of adjacent CPU pins.
*** Ground for bus clock buffers.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 12 - 16 MHz XTAL. Normally, 14.318 MHz.
2
X2
OUT
XTAL output which includes XTAL load capacitance.
6,7, 9
CPU(0:2)
OUT
Processor clock outputs which are a multiple of the input reference frequency as
shown in the table below.
3, 11, 23
GND
PWR
Device Ground.
4, 5, 14
FS(0:2)
IN
Frequency multiplier select pins. See table below. These inputs have internal pull-
up devices.*
8, 26
VDD
PWR
Positive power supply.
10
OE
IN
Output Enable. All outputs tristate when low.**
12
DOZE#
IN
Reduces CPU clock frequency to 10 MHz when at a logic low level.*
13
BSEL#
IN
Synchronous and non-synchronous bus clock selector.* ASYNC=0, SYNC=1
15, 16, 18 19,
21, 22, 27
BCLK(0:6)
OUT
Bus clock outputs are fixed at 2 ¤3 the PCLK frequency.
20
VDDB
PWR
Power for BUS output buffers.
17
GNDB
PWR
This ground return path is brought on separately to permit separating the noise
impulses from high output buffers from affecting sensitive internal circuitry.***
24
DISK
OUT
Fixed 24 MHz clock (with 14.318 MHz input).
25
KEYBD
OUT
Fixed 12 MHz clock (with 14.318 MHz input).
28
REF
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com