Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-07 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9159-07
Description  Frequency Generator for NexGen??Nx586 Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-07 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9159-07 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 7Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 8Page - Integrated Circuit Systems ICS9159-07 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ICS9159-07
Electrical Characteristics at 5.5V
VDD = 4.5 – 5.5 V, TA = 0 – 70° C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Low Current
IIL
VIN=0V
-45.0
-15.0
A
mA
Input High Current
IIH
VIN=VDD, other logic inputs
-5.0
-
5.0
mA
Input High Current Output
Enable Pin2
IIH(OE)
VIN=VDD, OE pin
-5.0
A
400.0
mA
Output Low Current
1
IOL
VOL=0.8V; for PCLKS & BCLKS
36.0
62.0
-
mA
Output High Current
1
IOH
VOL=2.0V; for PCLKS & BCLKS
-
-152.0
-90.0
mA
Output Low Current 1
IOL
VOL=0.8V; for fixed CLKs
30.0
50.0
-
mA
Output High Current
1
IOH
VOL=2.0V; for fixed CLKs
-
-110.0
-65.0
mA
Output Low Voltage
1
VOL
IOL=20mA; for PCLKS & BCLKS
-
0.25
0.4
V
Output High Voltage
1
VOH
IOH=-70mA; for PCLKS & BCLKS
2.4
4.0
-
V
Output Low Voltage
1
VOL
IOL=15mA; for fixed CLKs
-
0.2
0.4
V
Output High Voltage1
VOH
IOH=-50mA; for fixed CLKs
2.4
4.7
-
V
Supply Current
ICC
CPU @65.0 MHz;
BUS @ 43.3 MHz;
all outputs unloaded
-
130.0
220.0
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com