Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGU0831 Datasheet (PDF) - Renesas Technology Corp

9FGU0831 Datasheet PDF - Renesas Technology Corp
Part # 9FGU0831
Download  9FGU0831 Download
File Size   384.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator

9FGU0831 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGU0831 Datasheet PDF - Renesas Technology Corp

Part # 9FGU0831
Download  9FGU0831 Click to download

File Size   384.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator

9FGU0831 Datasheet (HTML) - Renesas Technology Corp


9FGU0831 Product details

Features/Benefits
• LP-HCSL outputs; save 16 resistors compared to standard
PCIe devices
• 50mW typical power consumption; reduced thermal
concerns
• Outputs can optionally be supplied from any voltage
between 1.05 and 1.5V; maximum power savings
• OE# pins; support DIF power management
• Programmable Slew rate for each output; allows tuning for
various line length
• Programmable output amplitude; allows tuning for various
application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EM
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 48-pin 6x6 mm VFQFPN; minimal board
space




Similar Part No. - 9FGU0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0831AKILF IDT-9FGU0831AKILF Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0831AKILFT IDT-9FGU0831AKILFT Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0831AKLF IDT-9FGU0831AKLF Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
More results


Similar Description - 9FGU0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0631 IDT-9FGU0631_16 Datasheet
202Kb / 15P
6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0831 IDT-9FGV0831_16 Datasheet
339Kb / 17P
8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com