Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LPR363 Datasheet (PDF) - Renesas Technology Corp

9LPR363 Datasheet PDF - Renesas Technology Corp
Part # 9LPR363
Download  9LPR363 Download
File Size   287.46 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Programmable Timing Control Hub™ for P4™ processor

9LPR363 Datasheet (PDF)

Go To PDF Page Download Datasheet
9LPR363 Datasheet PDF - Renesas Technology Corp

Part # 9LPR363
Download  9LPR363 Click to download

File Size   287.46 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Programmable Timing Control Hub™ for P4™ processor

9LPR363 Datasheet (HTML) - Renesas Technology Corp


9LPR363 Product details

Recommended Application:
Low Power CK505 Compliant Main Clock
Output Features:
• 2 - 0.8V push-pull differential CPU pairs
• 7 - 0.8V push-pull differential PCIEX pairs
• 1 - 0.8V push-pull differential SATA pair
• 1 - 0.8V push-pull differential CPU/PCIEX selectable pair
• 1 - 0.8V push-pull differential 27MHz/LCDCLK/PCIEX
selectable pair
• 4 - PCI (33MHz)
• 2 - PCICLK_F, (33MHz) free-running
• 1 - USB, 48MHz
• 1 - DOT96/PCIEX selectable pair
• 2 - REF, 14.318MHz

Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• PCIEX outputs cycle-cycle jitter < 125ps
• SATA outputs cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 500ps
• +/- 100ppm frequency accuracy on CPU, PCIEX and
SATA clocks
• +/- 100ppm frequency accuracy on USB clocks
Features/Benefits:
• Supports tight ppm accuracy clocks for Serial-ATA and
PCIEX
• Supports programmable spread percentage and
frequency
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• PEREQ# pins to support PCIEX power management.
• Low power differential clock outputs (No 50Ω resistor
to GND needed)
• iAMT support




Similar Part No. - 9LPR363

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPR363DGLF IDT-9LPR363DGLF Datasheet
60Kb / 1P
Low Power Programmable Timing Control Hub?? for P4??Processor
More results


Similar Description - 9LPR363

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS9LPRS511 RENESAS-ICS9LPRS511 Datasheet
504Kb / 20P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com