Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511 Datasheet (PDF) - Renesas Technology Corp

ICS9LPRS511 Datasheet PDF - Renesas Technology Corp
Part # ICS9LPRS511
Download  ICS9LPRS511 Download
File Size   504.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Programmable Timing Control Hub™ for P4™ processor

ICS9LPRS511 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9LPRS511 Datasheet PDF - Renesas Technology Corp

Part # ICS9LPRS511
Download  ICS9LPRS511 Click to download

File Size   504.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Programmable Timing Control Hub™ for P4™ processor

ICS9LPRS511 Datasheet (HTML) - Renesas Technology Corp


ICS9LPRS511 Product details

Features/Benefits:
• Programmable output frequencies
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Programmable watch dog safe frequency.
• Supports tight ppm accuracy clocks for Serial-ATA
• Supports spread spectrum modulation, ±0.25% center
spread.
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Low Power differential outputs (50ohm resistor to GND
not needed)
• Integrated 33Ω series resistor on all differential
outputs




Similar Part No. - ICS9LPRS511

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS511EGLF IDT-ICS9LPRS511EGLF Datasheet
303Kb / 19P
Low Power Programmable Timing Control Hub??for P4??processor
More results


Similar Description - ICS9LPRS511

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
9LPR363 RENESAS-9LPR363 Datasheet
287Kb / 21P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com