Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS511
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS511 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137–09/05/08
Recommended Application:
Low Power CK505 Programmable clock
Output Features:
•
2 - 0.8V differential push-pull CPU pairs
•
1 - 25 MHz
•
5 - PCI (33MHz)
•
1 - USB, 48MHz
•
1 - 24/48MHz
•
1 - REF, 14.318MHz
•
8 - PCIEX 0.8V differential push-pull pairs
•
1 - PCIEX/DOT96MHz selectable pairs
•
1 - SATACLK differential pair
•
1 - 24.576MHz output
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
PCIEX outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 300ppm frequency accuracy on CPU & PCIEX clocks
Low Power Programmable Timing Control Hub™ for P4™ processor
Features/Benefits:
•
Programmable output frequencies
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Programmable watch dog safe frequency.
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, ±0.25% center
spread.
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Low Power differential outputs (50ohm resistor to GND
not needed)
•
Integrated 33
Ω series resistor on all differential
outputs
FunctionalityTable
Pin Configuration
**RLATCH 1
64 25Mhz_0F_2x/Freerun*
GND 2
63 GND
VDD 3
62 VDD25Mhz
**GSEL/24.576Mhz 4
61 VDDSATA
VDDPCI 5
60 SATACLKT_LR
GND 6
59 SATACLKC_LR
**DOC_1 7
58 GND
PCICLK0 8
57 REF0_2x/FSLC
PCICLK1_3x 9
56 GND
FSLB/PCICLK2_2x 10
55 X1
SELRSET/RESET#/PCICLK3 11
54 X2
PCICLK412
53VDDREF
**DOC_0 13
52 SDATA
VDD48 14
51 SCLK
FSLA/USB_48MHz 15
50 GND
*SEL24_48#/24_48Mhz 16
49 CPUT_LR0
GND 17
48 CPUC_LR0
Vtt_PwrGd/WOL_STOP# 18
47 VDDCPU
DOT96T_LR/PCIeT_LR0 19
46 CPUT_LR1
DOT96C_LR/PCIeC_LR0 20
45 CPUC_LR1
GND 21
44 VDDI/O
PCIeT_LR122
43GNDA
PCIeC_LR123
42VDDA
PCIeT_LR2 24
41 PCIeT_LR8
PCIeC_LR2 25
40 PCIeC_LR8
GND 26
39 PCIeT_LR7
PCIeT_LR3 27
38 PCIeC_LR7
PCIeC_LR328
37GND
PCIeT_LR4 29
36 PCIeT_LR6
PCIeC_LR4 30
35 PCIeC_LR6
GND 31
34 PCIeT_LR5
VDDPCIEX 32
33 PCIeC_LR5
64-Pin TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
RESET pin is 3.3V tolerant
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
PCIEX
PCI
SATA
FSLC
FSLB
FSLA
MHz
MHz
MHz
MHz
0
0
0
0
0
266.66
100.00
33.33
100.00
0
0
0
0
1
133.33
100.00
33.33
100.00
0
0
0
1
0
200.00
100.00
33.33
100.00
0
0
0
1
1
166.66
100.00
33.33
100.00
0
0
1
0
0
333.33
100.00
33.33
100.00
0
0
1
0
1
100.00
100.00
33.33
100.00
0
0
1
1
0
400.00
100.00
33.33
100.00
0
0
1
1
1
200.00
100.00
33.33
100.00
0
1
0
0
0
266.66
100.00
33.33
100.00
0
1
0
0
1
133.33
100.00
33.33
100.00
0
1
0
1
0
200.00
100.00
33.33
100.00
0
1
0
1
1
166.66
100.00
33.33
100.00
0
1
1
0
0
333.33
100.00
33.33
100.00
0
1
1
0
1
100.00
100.00
33.33
100.00
0
1
1
1
0
400.00
100.00
33.33
100.00
0
1
1
1
1
200.00
100.00
33.33
100.00
1
0
0
0
0
269.33
101.00
33.66
100.00
1
0
0
0
1
134.66
101.00
33.66
100.00
1
0
0
1
0
202.00
101.00
33.66
100.00
1
0
0
1
1
168.33
101.00
33.66
100.00
1
0
1
0
0
274.66
103.00
34.33
100.00
1
0
1
0
1
137.33
103.00
34.33
100.00
1
0
1
1
0
206.00
103.00
34.33
100.00
1
0
1
1
1
N/A
N/A
34.33
100.00
1
1
0
0
0
279.99
105.00
35.00
100.00
1
1
0
0
1
140.00
105.00
35.00
100.00
1
1
0
1
0
210.00
105.00
35.00
100.00
1
1
0
1
1
N/A
N/A
35.00
100.00
1
1
1
0
0
285.33
107.00
35.66
100.00
1
1
1
0
1
142.66
107.00
35.66
100.00
1
1
1
1
0
214.00
107.00
35.66
100.00
1
1
1
1
1
N/A
N/A
35.66
100.00


Similar Part No. - ICS9LPRS511

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS511EGLF IDT-ICS9LPRS511EGLF Datasheet
303Kb / 19P
Low Power Programmable Timing Control Hub??for P4??processor
More results

Similar Description - ICS9LPRS511

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
9LPR363 RENESAS-9LPR363 Datasheet
287Kb / 21P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com