Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS9LPRS511
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS9LPRS511 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,6
33.33MHz output nominal
30.00900
ns
6
33.33MHz output spread
30.15980
ns
6
Absolute min/max period
T
abs
33.33MHz output nominal/spread
29.49100
30.65980
ns
6
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
V
OH @MIN = 1.0 V
-33
mA
1
V
OH@MAX = 3.135 V
-33
mA
1
V
OL @ MIN = 1.95 V
30
mA
1
V
OL @ MAX = 0.4 V
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Skew
t
skew
V
T = 1.5 V
250
ps
1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
500
ps
1
Clock period
29.99100
T
period
Output High Current
I
OH
Output Low Current
I
OL
Electrical Characteristics - USB48MHz, 24_48Mhz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Clock period
T
period
48.00MHz output nominal
20.83125
20.83542
ns
2
Absolute min/max period
T
abs
48.00MHz output nominal
20.48130
21.18540
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
V
OH @MIN = 1.0 V
-29
mA
1
V
OH@MAX = 3.135 V
-23
mA
1
V
OL @ MIN = 1.95 V
29
mA
1
V
OL @ MAX = 0.4 V
27
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
2
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
2
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
350
ps
1
Output High Current
I
OH
I
OL
Output Low Current
Electrical Characteristics - SMBus Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
SMBus Voltage
V
DD
2.7
5.5
V
1
Low-level Output Voltage
V
OLSMB
@ I
PULLUP
0.4
V
1
Current sinking at
V
OLSMB = 0.4 V
I
PULLUP
SMB Data Pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
Maximum SMBus Operating
Frequency
F
SMBUS
Block Mode
100
kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com