Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9LPRS511
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9LPRS511 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
I2C Table: Output Control Register
Byte 20
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
PCIEX PLL TBEN
PCIEX PLL Turbo Enable
RW
0
Bit 2
CPU PLL TBEN
CPU PLL Turbo Enable
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
RESET Sync
Reset Synchronization
upon Reset (Byte 21)
RW
0
Disable
-
-
-
-
01
--
-
-
Enable
Enable
-
Disable
Enable
Disable
-
I2C Table: Synchronization Control Register
Byte 21
Name
Control Function
Type
PWD
A/B
PWD
C/D/E/H
PWD
J
Bit 7
PCIEX Source
PCIEX Source
RW
0
1
0
Bit 6
SATA Source
SATA Source
RW
1
1
1
Bit 5
Reserved
Reserved
RW
1
1
1
Bit 4
Reserved
Reserved
RW
1
1
1
Bit 3
Reserved
Reserved
RW
1
1
1
Bit 2
Reserved
Reserved
RW
1
1
1
Bit 1
Reserved
Reserved
RW
1
1
1
Bit 0
Reserved
Reserved
RW
1
1
1
-
01
-
--
-
-
CPU PLL
PCIEX PLL
PCIEX PLL
-
Fixed PLL
-
-
-
-
-
I2C Table: DOC pin control register
Byte 22
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
PCIEX
PCIEX PLL DOC0 pin
control
RW
1
Bit 6
CPU
CPU PLL DOC0 pin
control
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
1
Bit 0
Reserved
Reserved
RW
1
I2C Table: CPU PLL DOC 1 N programming Register (DOC0 = 1)
Byte 23
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
Bytes 24 and 25 are reserved
I2C Table: PCIEX PLL DOC 1 N programming Register (DOC0 = 1)
Byte 26
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
01
N Divider Programming
Byte26 bit(7:0) and Byte15
bit(7:6)
The decimal representation of M and N Divider in Byte 15
and 26 will configure the PCIEX PLL VCO frequency. VCO
Frequency = 14.318 x Ndiv(10:0)/Mdiv(5:0)
01
N Divider Programming
Byte23 bit(7:0) and Byte11
bit(7:6)
The decimal representation of M and N Divider in Byte 11
and 23 will configure the CPU PLL VCO frequency. VCO
Frequency = 14.318 x Ndiv(10:0)/Mdiv(5:0)
--
--
--
--
--
--
01
Enabled
Disabled
Enabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com