Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS9LPRS511
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS9LPRS511 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Silicon Revision History
Rev.
Description
0.1
B0b6 = 1 in revisions [A:B]
B0b6 = 0 in revisions [C:J]
0.2
B7 = 01h in revisions [A:B]
B7 = 21h in revisions [C:D]
B7 = 41h in revision E
B7 = 51h in revision H
B7 = 61h in revision J
0.3
B21b7 = 0 in revisions [A:B]
B21b7 = 1 in revisions [C:H]
B21b7 = 0 in revision J
Revision History
Rev.
Issue Date Description
Page #
0.1
8/3/2005
Initial Release
-
0.2
8/17/2005
Updated pinout and invert VTTPWRGD/WOL_STOP polarity
1-4
0.3
8/25/2005
Added I2c Tables
8-21
0.4
8/31/2005
Updated pinout (DOC1 removed, PCICLK1 added)
1-3, 19-21
0.5
9/19/2005
1) Updated pinout, pin description (move freerun latch from
PCICLK to 25Mhz_0)
2) Updated I2c Bytes 1, 5, 22, 31
1-3, 8-18
0.6
10/6/2005
1) Changed pin 42, 53, 61 and 62 from Standby (Non
Collapsible) Power to Standard Power.
2) Removed Power Groups Table.
1,3,
4
0.7
4/7/2006
Updated I2C.
8-18
0.5
7/31/2006
1. Updated Pinout.
2. Updated Pin Description.
1,2
0.6
9/26/2006
1. Updated I2C.
8-13
0.7
11/2/2006
1. Updated Output Features to represent low power.
2. Updated I2C.
Various
0.8
10/4/2007
Updated Functionality and CPU frequency table
1, 5
0.9
9/5/2008
Added Case Temperature @ 115C to Max Rating Table.
14
This product is protected by United States Patent NO. 7,342,420 and other patents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com