Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LPRS436C Datasheet (PDF) - Renesas Technology Corp

9LPRS436C Datasheet PDF - Renesas Technology Corp
Part # 9LPRS436C
Download  9LPRS436C Download
File Size   339.83 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Clock for Intel Atom®-Based Systems

9LPRS436C Datasheet (PDF)

Go To PDF Page Download Datasheet
9LPRS436C Datasheet PDF - Renesas Technology Corp

Part # 9LPRS436C
Download  9LPRS436C Click to download

File Size   339.83 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Clock for Intel Atom®-Based Systems

9LPRS436C Datasheet (HTML) - Renesas Technology Corp


9LPRS436C Product details

Recommended Application:
NM10 Express Chipset + N450/D410/D510 Atom® CPUs
Output Features:
• 2 - 0.8V push-pull differential CPU pairs
• 2 - 0.8V push-pull differential PCIEX pairs
• 1 - 0.8V push-pull differential SATA75 pair
• 1 - 0.8V push-pull differential DOT96 pair
• 1 - 0.8V push-pull differential CPU/PCIEX selectable pair
• 1 - PCI (33MHz)
• 1 - PCICLK_F, (33MHz) free-running
• 1 - USB, 48MHz
• 1 - 12/48MHz
• 1 - 25MHz
• 1 - REF, 14.318MHz
• 1 - 12.288MHz

Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• PCIEX outputs cycle-cycle jitter < 125ps
• SATA outputs cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 500ps
• +/- 100ppm frequency accuracy on all clocks
Features/Benefits:
• VDDSUSP allows 25MHz to run in S-states
• Supports programmable spread percentage
• Uses external 25MHz crystal, external crystal load caps
are required for frequency tuning
• PEREQ# pins to support PCIEX/SATA power
management.
• Low power differential clock outputs (No 50Ω resistor to
GND needed)
• Integrated 33Ω series resistor on all differential outputs.




Similar Part No. - 9LPRS436C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPRS436C IDT-9LPRS436C Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
9LPRS436CGILF IDT-9LPRS436CGILF Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
9LPRS436CGILFT IDT-9LPRS436CGILFT Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
9LPRS436CGLF IDT-9LPRS436CGLF Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
9LPRS436CGLFT IDT-9LPRS436CGLFT Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
More results


Similar Description - 9LPRS436C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
9LPRS436C IDT-9LPRS436C Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
logo
Advantech Co., Ltd.
MICA-071 ADVANTECH-MICA-071 Datasheet
4Mb / 64P
7 Intel Atom-based Pocket pad
May 2014
logo
Renesas Technology Corp
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
System Clock for Embedded AMDTM based Systems
08/20/09
logo
Advantech Co., Ltd.
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com