Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9QXL2000B Datasheet (PDF) - Renesas Technology Corp

9QXL2000B Datasheet PDF - Renesas Technology Corp
Part # 9QXL2000B
Download  9QXL2000B Download
File Size   649.56 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output DB2000Q

9QXL2000B Datasheet (PDF)

Go To PDF Page Download Datasheet
9QXL2000B Datasheet PDF - Renesas Technology Corp

Part # 9QXL2000B
Download  9QXL2000B Click to download

File Size   649.56 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20-Output DB2000Q

9QXL2000B Datasheet (HTML) - Renesas Technology Corp


9QXL2000B Product details

Description
The 9QXL2000B is a 20-output very-low-additive phase jitter
fanout buffer for PCIe Gen4 and Gen5. It offers integrated
terminations for 85Ω transmission lines.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
Typical Applications
▪ Servers
▪ Storage
▪ Networking
▪ SSDs

Features
▪ Low-Power HCSL (LP-HCSL) 85Ω outputs eliminate 80
resistors, saving 130mm2 of area
▪ Low-Power HCSL (LP-HCSL) outputs reduce device power
consumption by 50%
▪ 8 OE# pins configurable to control up to 20 outputs
▪ 9 selectable SMBus addresses
▪ Spread spectrum compatible
▪ 10 × 10 mm 72-VFQFPN package
Output Features
▪ 20 Low-Power HCSL (LP-HCSL) 85Ω output pairs
Key Specifications
▪ Output-to-output skew: < 50ps
▪ Additive phase jitter: DB2000Q filter < 40fs rms
▪ Additive Phase jitter: PCIe Gen4 filter < 40fs rms
▪ Additive Phase jitter: PCIe Gen5 filter < 20fs rms
▪ DB2000Q v1.1 pinout




Similar Part No. - 9QXL2000B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9QXL2000B RENESAS-9QXL2000B Datasheet
596Kb / 22P
20-Output DB2000Q
March 9, 2022
9QXL2000BNLGI RENESAS-9QXL2000BNLGI Datasheet
596Kb / 22P
20-Output DB2000Q
March 9, 2022
9QXL2000BNLGI8 RENESAS-9QXL2000BNLGI8 Datasheet
596Kb / 22P
20-Output DB2000Q
March 9, 2022
9QXL2000B RENESAS-9QXL2000B_V01 Datasheet
596Kb / 22P
20-Output DB2000Q
March 9, 2022
More results


Similar Description - 9QXL2000B

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
SC3508 AMCC-SC3508 Datasheet
226Kb / 6P
20-OUTPUT CLOCK DRIVER
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
20 WATTS OUTPUT POWER
logo
Recom International Pow...
RAC20-B RECOM-RAC20-B Datasheet
94Kb / 2P
20 Watt Single Output
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
20 A Output Current
logo
Recom International Pow...
RAC20-SB RECOM-RAC20-SB Datasheet
94Kb / 2P
20 Watt Single Output
logo
Wall Industries,Inc.
CMMDW WALL-CMMDW Datasheet
279Kb / 3P
20 Watt Single Output
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
logo
Renesas Technology Corp
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
20-Output Enhanced DB2000Q
Apr 5, 2022
9QXL2001B RENESAS-9QXL2001B Datasheet
845Kb / 25P
20-Output DB2000QL
November 11, 2022
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
20-Output Enhanced DB2000QL
October 6, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com