Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet (PDF) - Renesas Technology Corp

9SQL4952 Datasheet PDF - Renesas Technology Corp
Part # 9SQL4952
Download  9SQL4952 Download
File Size   424.18 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PCIe® Gen1–5 and UPI Clock Generator Family

9SQL4952 Datasheet (PDF)

Go To PDF Page Download Datasheet
9SQL4952 Datasheet PDF - Renesas Technology Corp

Part # 9SQL4952
Download  9SQL4952 Click to download

File Size   424.18 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PCIe® Gen1–5 and UPI Clock Generator Family

9SQL4952 Datasheet (HTML) - Renesas Technology Corp


9SQL4952 Product details

Description
The 9SQL4952/9SQL4954/9SQL4958 devices comprise a family
of 3.3V PCIe Gen1–5 clock generators with UPI support. There
are 2, 4 and 8 outputs versions available and each differential
output has a dedicated OE# pin supporting PCIe CLKREQ#
functionality.

Features
▪ Integrated terminations for 85Ω systems save 4 resistors per
output
▪ 112–206 mW typical power consumption (at 3.3V)
▪ VDDIO rail allows 35% power savings at optional 1.05V
(9SQL4958 only)
▪ Devices contain default configuration; SMBus not required
▪ SMBus features allow optimization to application:
• Input polarity and pull-up/pull-downs
• Output slew rate and amplitude
• Output impedance (33Ω, 85Ω or 100Ω)
▪ Contact factory for customized default configurations
▪ 25MHz input frequency
▪ OE# pins support PCIe CLKREQ# function
▪ Pin-selectable SRnS 0%, CC 0% and CC/SRIS -0.5% spread
▪ SMBus-selectable CC/SRIS -0.25% spread
▪ Clean switching between the CC/SRIS spread settings
▪ BCLK outputs blocked until PLL is locked for clean system
startup
▪ 2 selectable SMBus addresses
▪ Space-saving packages: See Ordering Information for details
Output Features
▪ 2, 4 or 8 100MHz CPU/PCIe output pairs
▪ One 3.3V LVCMOS REF output with Wake-On-LAN (WOL)
support
▪ See AN-891 for easy AC-coupling to other logic families




Similar Part No. - 9SQL4952

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4952BNLGI IDT-9SQL4952BNLGI Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4952BNLGI8 IDT-9SQL4952BNLGI8 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
More results


Similar Description - 9SQL4952

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZML1245 RENESAS-9ZML1245 Datasheet
805Kb / 29P
2:12 Clock Multiplexer for PCIe Gen1–5 and UPI
May 12, 2021
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
9ZXL15X0D RENESAS-9ZXL15X0D Datasheet
1Mb / 35P
15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com