Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZML1245 Datasheet (PDF) - Renesas Technology Corp

9ZML1245 Datasheet PDF - Renesas Technology Corp
Part # 9ZML1245
Download  9ZML1245 Download
File Size   805.45 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 Clock Multiplexer for PCIe Gen1–5 and UPI

9ZML1245 Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZML1245 Datasheet PDF - Renesas Technology Corp

Part # 9ZML1245
Download  9ZML1245 Click to download

File Size   805.45 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 Clock Multiplexer for PCIe Gen1–5 and UPI

9ZML1245 Datasheet (HTML) - Renesas Technology Corp


9ZML1245 Product details

Features
▪ 12 Low-power HCSL (LP-HCSL) outputs
▪ Integrated terminations for 85Ω (9ZXL1255/56) and 100Ω
(9ZXL1245) systems eliminate up to 4 resistors per output pair
▪ Flexible Power Sequencing (FPS) configuration via SMBus
▪ Power Down Tolerant input (PDT); inputs: SEL_A_B#,
SADR[1:0]_tri, OE# pins
▪ Input-to-output delay: 0ps default. Programmable through 360°
▪ 2 software-configurable input-to-output delay lines
▪ Dedicated OE# pins support PCIe CLKREQ# function
▪ Up to 9 selectable SMBus addresses (9ZXL1245/55)
▪ SMBus Write Protect Pin (9ZXL1256)
▪ Selectable ZDB bandwidths minimizes jitter peaking in
cascaded ZDB topologies
▪ Hardware/SMBus control of ZDB and FOB modes
▪ Spread-spectrum compatible
▪ Up to 400MHz FOB operation
▪ 100MHz ZDB mode operation
▪ -40°C to +85°C operating temperature range
▪ 10 × 10 mm 72-VFQFPN package
Typical Applications
▪ Servers/High-performance Computing
▪ nVME Storage
▪ Networking
▪ Accelerators
▪ Industrial Control




Similar Part No. - 9ZML1245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZML1245 RENESAS-9ZML1245 Datasheet
728Kb / 28P
2:12 Clock Multiplexer for PCIe Gen1–7 and UPI
May 6, 2026
9ZML1245AKILF RENESAS-9ZML1245AKILF Datasheet
728Kb / 28P
2:12 Clock Multiplexer for PCIe Gen1–7 and UPI
May 6, 2026
9ZML1245AKILFT RENESAS-9ZML1245AKILFT Datasheet
728Kb / 28P
2:12 Clock Multiplexer for PCIe Gen1–7 and UPI
May 6, 2026
9ZML1245 RENESAS-9ZML1245_V01 Datasheet
728Kb / 28P
2:12 Clock Multiplexer for PCIe Gen1–7 and UPI
May 6, 2026
More results


Similar Description - 9ZML1245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
9SQL4952 RENESAS-9SQL4952 Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
IDT6V31023 RENESAS-IDT6V31023 Datasheet
371Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
REV B 053112
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com