Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9UMS9001 Datasheet (PDF) - Renesas Technology Corp

9UMS9001 Datasheet PDF - Renesas Technology Corp
Part # 9UMS9001
Download  9UMS9001 Download
File Size   254.93 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PC MAIN CLOCK - CK540

9UMS9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
9UMS9001 Datasheet PDF - Renesas Technology Corp

Part # 9UMS9001
Download  9UMS9001 Click to download

File Size   254.93 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PC MAIN CLOCK - CK540

9UMS9001 Datasheet (HTML) - Renesas Technology Corp


9UMS9001 Product details

Recommended Application:
Calistoga Based Ultra-Mobile PC (UMPC)
Output Features:
• 2 - CPU Low Power differential push-pull pairs
• 1 - ITP low power differential push-pull pair
• 4 - SRC low power differential push-pull pairs
• 1 - LCD100 SSCD low power differential
push-pull pair
• 1 - DOT96 low power differential push-pull
pair
• 3 - PCI, 33MHz
• 1 - USB, 48MHz
• 1 - REF, 14.31818MHz

Features/Benefits:
• Supports Dothan ULV CPUs with 100 and
133 MHz CPU outputs
• Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
• PCI_SRC and CPU STOP inputs for power
manangment
• Fully integrated Vreg
• Integrated series resistors on differential
outputs
• Supports split rail operation for maximum
power savings
• Also runs from single 3.3V rail
• 1.05V-3.3V support for differential VDDIO




Similar Part No. - 9UMS9001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9001 IDT-9UMS9001 Datasheet
111Kb / 15P
PC MAIN CLOCK - CK540
9UMS9001AKLF IDT-9UMS9001AKLF Datasheet
111Kb / 15P
PC MAIN CLOCK - CK540
9UMS9001AKLFT IDT-9UMS9001AKLFT Datasheet
111Kb / 15P
PC MAIN CLOCK - CK540
More results


Similar Description - 9UMS9001

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
180 W PC Main SFX Supply
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Integrated Device Techn...
9UMS9001 IDT-9UMS9001 Datasheet
111Kb / 15P
PC MAIN CLOCK - CK540
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
PC MAIN CLOCK
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
PC MAIN CLOCK
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
PC MAIN CLOCK
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com